Part Number Hot Search : 
A10DD AD100 ADG70 VNQ660 BC857 BC857 9LV16 74ALS251
Product Description
Full Text Search
 

To Download NT2520SB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  model name NT2520SB temperature-compensated crystal oscillator (tcxo) nt2520s series (with high-precision gps supported) pb free frequency (mhz) 16.368 22.5792 ordering code NT2520SB-16.368m-nsa3466a NT2520SB-22.5792m-nsa3466a the above frequencies are ndk s standard frequencies. frequencies other than the above are available. feel free to contact our sales representatives. co12_090925_NT2520SB_e for mobile terminals with high-precision gps functions ? frequency setting conditions 1. frequencies are set at normal temperatures (+252 c). 2. frequencies are set with a printed board that has a ground pattern attached to the underside of an oscillator. 3. connect the #1 terminal of the oscillator to the ground that comes with the oscillator. ? if you require a product with a different frequency, power supply voltage, frequency control range, etc. to the standard specifications, please contact us with your enquiries. ? products with the afc (automatic frequency control) function are available. if you require such a product, please contact us. *1. a dc -cut capacitor is not embedded in this crystal oscillator. connect a dc-cut capacitor (1,000 pf) to the line-out terminal of the oscillator. n specifications n features n dimensions n list of ordering codes n main application l a crystal oscillator with highly stable frequency / temperature characteristics best suited for gps. l supports low power supply voltage. (supports dc +1.8 v0.1 v to +3.2 v0.1 v.) l ultra-compact and light with a height, cubic volume, and weight of max. 0.9 mm, 0.004 cm 3 , and 0.014 g, respectively. l low power consumption. l a surface-mount crystal oscillator. (reflow soldering is possible.) l lead-free. meets the requirements for re-flow profiling using lead-free solder. 2.5 0.2 0.8 0.1 1.850.2 #1 #6 #3 #2 #1 #3 #4 2.0 0.2 #6 #4 #5 0.50.2 0.35 0.1 0.650.2 0.3 0.7 0.1 (0.15 0.15) land pattern (typical) 1.8 0.7 0.55 0.55 0.5 0.5 0.95 0.4 0.95 0.43 mm #1 #3 #4 #6 #2/#5 nc or gnd (ground recommended) gnd output v cc nc or gnd terminal land connections new crystal oscillator nominal frequency range (mhz) supply voltage [v cc ] (v) load impedance current consumption (ma) output voltage frequency/temperature characteristics operating temperature range (c) storage temperature range (c) frequency/voltage coefficient frequency/load coefficient long-term frequency stability 13 to 27.456 +2.8 10 k//10 pf max. 1.5 min. 0.8 v(p-p) (dc coupling *1) max. 0.510 C6 C30 to +85 C40 to +85 max. 0.210 C6 /+2.8 v5 % max. 0.210 C6 /(10 k//10 pf) 10 % max. 1.010 C6 /year item model NT2520SB free datasheet http://www..net/


▲Up To Search▲   

 
Price & Availability of NT2520SB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X